PART |
Description |
Maker |
DS1275 DS1270Y-70-IND DS1270Y-100-IND DS1270AB-70- |
NVRAM (Battery Based) NVRAM中(基于电池 IC,LINE TRANSCEIVER,CMOS,1 DRIVER,1 RCVR,DIP,8PIN,PLASTIC
|
Maxim Integrated Products, Inc. Dallas
|
FM25040-C FM25040-PS |
NVRAM (Ferroelectric Based) NVRAM中(基于铁电
|
Ramtron International, Corp.
|
M40Z30005 M40Z300MH6TR M40Z300MQ6TR M40Z300WMH6TR |
NVRAM CONTROLLER FOR UP TO EIGHT LPSRAM 5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs 5VV NVRAM中监多达8LPSRAMs
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
M41ST87YMX6F |
5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
|
STMicroelectronics
|
STEVAL-ISB009V1 |
Li-Ion battery monitoring and gas gauge evaluation board based on STC3100 Li-Ion battery monitoring and gas-gauge demonstration board based on the STC3100
|
ST Microelectronics STMicroelectronics
|
STEVAL-ISB005V1 |
Low-cost Li-Ion battery charger demonstration board based on the ST7260 and L6924D Low-cost Li-Ion battery charger demonstration board based on the ST7263BK6 and L6924D
|
ST Microelectronics STMicroelectronics
|
STEVAL-ISV005V2 |
240 W photovoltaic battery charger based on the SPV1020
|
ST Microelectronics
|
CA500A126 CA500A101 CA500A111 CA500A112 CA500A117 |
Serial real-time clock with 44 bytes NVRAM and reset 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM 5V or 3V NVRAM supervisor for up to two LPSRAMs 5V or 3V NVRAM supervisor for up to 8 LPSRAMs Serial real-time clock 逻辑IC
|
TE Connectivity, Ltd.
|
UEP-5/3500-D48 UEP-5/3500-D24 UEP-15/1200-D24 UEP- |
3.3V, 32 Mbit (1024 KBit x 32) TIMEKEEPER® SRAM Multi-channel clock distribution circuit Serial real-time clock with 44 bytes NVRAM and reset Serial I2C bus RTC with battery switchover 3.3V, 32 Mbit (1024 KBit x 32) TIMEKEEPER® SRAM 模拟IC Serial SPI bus RTC with battery switchover 模拟IC
|
Murata Power Solutions, Inc.
|
UM1054 |
STEVAL-ISB013V1 demonstration board based on the STC3105 battery monitor IC with alarm output for gas gauge applications
|
STMicroelectronics
|
STEVAL-ISV005V1 |
250 W solar battery charger based on PV voltage-boost controller SPV1020, bypass diode SPV1001N and CC-CV controller SEA05
|
STMicroelectronics
|
STK12C68-5S30 STK12C68-5W30 |
Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:35mA; Package/Case:3-TO-220; Current, It av:16A; Gate Trigger Current Max, Igt:35mA NVRAM (EEPROM Based) NVRAM中(EEPROM的基础
|
Electronic Theatre Controls, Inc.
|